features and specifications extreme ten60power? high-current connector board-to-board 46436 right angle receptacle 46562 vertical receptacle 46437 right angle plug specifications ordering information features and benefts n low-profle design of 10.00mm height enhances system airfow and provides 278.0a per linear inch n modular assembly for virtually any design confguration including wire-to-board options n right-angle and vertical mounting available for either coplanar or perpendicular applications n robust, high-current contact blades for dc (5.50mm pitch) and ac (7.50mm pitch) spacing options reference information packaging: tray ul file no.: e29179 csa file no.: lr19880 tuv: r 72081037 designed in: millimeters electrical voltage: power - 600v max. current (at 30c temperature rise): power C 60.0a max. signal C 2.5a max. contact resistance (per contact): initial end of life power (milliohms) C 0.50 0.75 max change signal (milliohms) C 6.50 15.00 max change dielectric withstanding voltage: 1500v insulation resistance: 5000 megohms min. current interruptions rating: power C contact molex signal C contact molex n rated for current interruption n connectors comply to eia-364-1001.01 and mfg test procedures n last-mate/frst-break available on both power and signal contacts n 60.0a per power blade mechanical pitch: power C 5.50 or 7.50mm signal C 2.54 by 2.45mm mating force (max. per circuit): power contacts C 500g (1.102 lb) signal contacts C 102g (.225 lb) un-mating force (min. per circuit): power contacts C 400g (.882 lb) signal contacts C 30g (.066 lb) durability: 100 cycles physical housing: 30% glass flled lcp contact: power contacts - copper alloy signal contacts C copper alloy plating: contact area select gold solder tail area tin underplating nickel flammability rating: ul 94v-0 rohs compliant documents sales drawings: sd-46436-xxx, sd-46562-xxx sd-46437-xxx product specs: ps-46436-100 series* description power circuits signal circuits guide board peg pcb thickness 46436 right angle receptacle 1 to 10 6 to 36 side or top options available optional 1.57 to 3.81mm (.062 to .150) 46562 vertical receptacle 46437 plug *complete part numbers can be found at www.molex.com/link/ext-power.html the extreme ten60 power? connector features the highest square-inch current density of any power connector system that molex has developed. a low 10.00mm (.394) profle, coupled with high-capacity power blades, allows this interconnect to target smaller power supply architectures that deliver very high current in limited spaces where airfow can otherwise be restricted by larger connectors. optional guides can be placed on each end at traditional side locations, or on top of the connector to save valuable pc board real estate. power and signal modules can be placed in any location.
features and specifications extreme ten60power? high-current connector board-to-board 40.0 35.0 30.0 25.0 20.0 15.0 10.0 5.0 temperature rise vs. current per eia-364-70 current (amp) 30.0 35.0 40.0 45.0 50.0 55.0 60.0 temperature (c) 8 circuit setup 4 circuit setup 2 circuit setup 0.0200 0.0180 0.0160 0.0140 0.0120 0.0100 0.0080 0.0060 0.0040 0.0020 0.0000 v-drop (max) vs. current per eia-364-70 current (amp) 30.0 35.0 40.0 45.0 50.0 55.0 60.0 voltage (v)
www.molex.com/link/ext-power.html order no. 987650-3003 usa/kc/2009.03 ? 2009, molex features and specifications extreme power ? products extreme power ? products the need for high-current power interconnect solutions in increasingly smaller space continues to rise rapidly. solving this power equation on new architectures and system platforms has been a major focus for molex product development teams. the new molex extreme power ? family of products is the direct result of listening intently to our customers electrical and mechanical design challenges. since no two applications are the same, the molex extreme power ? offering is comprised of several product families that cover a wide range of current densities, mechanical envelopes, mating terminations and confguration choices that give system designers the ability to maximize their power interconnect needs. 50.0 a / contact 215.0 a / sq. in. 33.0 a / sq. cm 10.00mm 16.0 a / blade 618.0 a / sq. in. 96.0 a / sq. cm 4.00mm 40.0 a / blade 445.0 a / sq. in. 68.0 a / sq. cm 15.00mm 30.0 a / blade 203.0 a / sq. in. 31.0 a / sq. cm 14.58mm 30.0 a / blade 431.0 a / sq. in. 67.0 a / sq. cm 7.50mm 60.0 a / blade 705.0 a / sq. in. 109.0 a / sq. cm 10.00mm 150.0 a / blade 372.0 a / sq. in. 58.0 a / sq. cm 25.00mm extreme micropower? extreme micropower? extreme poweredge? extreme powerplus? (ssi) extreme lphpower? extreme ten60power? extreme powermass?
|